Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1008G-P28-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M1008G-P28-R
Description  16-BIT CCD/CIS ANALOG SIGNAL PROCESSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M1008G-P28-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M1008G-P28-R Datasheet HTML 1Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 2Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 3Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 4Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 5Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 6Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 7Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 8Page - Unisonic Technologies M1008G-P28-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M1008
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 11
www.unisonic.com.tw
QW-R502-434.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
VSS-0.3 to VSS+5.5
V
Input Voltage
VIN
VSS-0.3 to VDD+0.3
V
Ambient Operation Temperature
TOPR
-25 ~ +75
°C
Storage Temperature
TSTG
-50 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (AVDD=5V, DVDD=3V, TA=25°C. Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Analog Power Supply
VADD
4.75
5
5.25
V
Digital Power Supply
VDRDD
3
5
5.25
V
3-Channel Mode with CDS
tMAX3
30
MSPS
2-Channel Mode with CDS
tMAX2
30
MSPS
1-Channel Mode with CDS
tMAX1
25
MSPS
ADC Resolution
16
Bits
Integral Nonlinear (INL)
±32
LSB
Differential Nonlinear (DNL)
-1
1
LSB
Offset Error
-100
100
mV
Gain Error
5
%FSR
Full-Scale Input Range
RFS
2.0
VP-P
Input Limits
VI(LIMIT)
AVSS-0.3
5
AVDD+0.3
V
Input Current
IIN
10
nA
PGA Gain at Minimum
1
V/V
PGA Gain at Maximum
5.85
V/V
PGA Gain Resolution
6
Bits
Programmable Offset at Minimum
-250
mV
Programmable Offset at Maximum
250
mV
Offset Resolution
9
Bits
Operating
TA
0
70
°C
Total Power Consumption
Ptot
400
mW
High Level Input Voltage
(CDSCLK1, CDSCLK2, ADCCLK,
OE , SCK, SLOAD)
VIH
0.8*VDD
V
Low Level Input Voltage
(CDSCLK1, CDSCLK2, ADCCLK,
OE , SCK, SLOAD)
VIL
0.2*VDD
V
High Level Input Voltage (SDATA)
VIH1
0.8*VDD
V
Low Level Input Voltage (SDATA)
VIL1
0.2*VDD
V
High Level Input Current
IIH
10
uA
Low Level Input Current
IIL
10
uA
Input Capacitance
CIN
10
pF
High Level Output Voltage
(SDATA, D0~D7)
VOH
VDD-0.5
V
Low Level Output Voltage
(SDATA, D0~D7)
VOL
0.5
V
High Level Output Current
IOH
1
mA
Low Level Output Current
IOL
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com