Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2073L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2073L-S08-R
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2073L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M2073L-S08-R Datasheet HTML 1Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 2Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 3Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 4Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 5Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 6Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 7Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 8Page - Unisonic Technologies M2073L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
M2073
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R107-060.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Input Voltage Range
VIN
± 0.4
V
Output Peak Current
IOP
1
A
DIP-8
700
mW
Power Dissipation
SOP-8
PD
300
mW
Junction Temperature
TJ
125
°С
Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-40 ~ +125
°С
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
BTL Configuration (Page 6) ( Vcc=6V,Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Voltage
VCC
1.8
15
V
Operating Current
ICC
RL=∞
6
9
mA
Output Offset Voltage
( Between the Outputs )
∆VOUT RL=8Ω
10
50
mV
Input Bias Current
II(BIAS)
100
nA
VCC =9V,RL=16Ω ( Note )
2.0
W
VCC =6V,RL=8Ω ( Note )
0.9
1.2
W
VCC =4.5V,RL=8Ω
0.6
W
VCC =4.5V,RL=4Ω ( Note )
0.8
W
VCC =3V,RL=4Ω
200 300
mW
VCC =2V,RL=4Ω
DIP-8
80
mW
VCC =6V,RL=16Ω ( Note )
0.8
W
VCC =4V,RL=8Ω ( Note )
350 460
mW
VCC =3V,RL=4Ω ( Note )
200 300
mW
THD=10%
f=1kHz
VCC =2V,RL=4Ω
SOP-8
80
mW
VCC =6V,RL=8Ω
1.0
W
VCC =4.5V,RL=4Ω
DIP-8
0.6
W
Output Power
POUT
THD=1%
f=40Hz~15kHz
VCC =4V,RL=8Ω
SOP-8
380
mW
POUT=0.5W, RL=8Ω, f=1kHz
DIP-8
0.2
%
Total Harmonic Distortion
THD
VCC =4V,RL=8Ω, POUT=200mW, RL=8Ω, f=1kHz
SOP-8
0.2
%
Close Loop Voltage Gain
GV
f=1kHz
41
44
47
dB
Input Impedance
ZIN
f=1kHz
100
kΩ
VNI1
RS=10kΩ, A Curve
2
µV
Equivalent Input Noise
Voltage
VNI2
RS=10kΩ, B=22Hz~22kHz
2.5
µV
Ripple Rejection
RR
f=100Hz
40
dB
GV= -3dB from f=1kHz, RL=8Ω, POUT =1W
DIP-8
130
kHz
Cutoff Frequency
fH
GV=-3dB from f=1kHz, RL=16Ω, POUT=0.5W
SOP-8
130
kHz
Note: At on PC Board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com