Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2125L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2125L-AF5-R
Description  SINGLE-SUPPLY OPERTIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2125L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M2125L-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2125L-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2125L-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2125L-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2125L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M2125
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-025,E
TYPICAL CHARSACTERISTICS
5
2
0
0.01
Output Source Current, ISOURCE(mA)
0.1
1
10
100
4
3
1
Maximum Output Voltag Swing vs.
Output Source Current
5
2
0
0.01
Output Sink Current, ISINK (mA)
0.1
1
10
100
4
3
1
Output Voltag vs. Output Sink Current
V+=5V,TA=25°C
5
2
0
10
Load Resistance, RL (Ω)
100
1k
10k
100k
4
3
1
Maximum Output Voltag Swing vs.
Load Resistance
1.6
0
-50
-25
0
25
50
0.8
75
Ambient Tempurature, TA (°C)
Operating Current vs.Temperature
1.2
0.4
10
0
TA=25°C
V+/V- =±2.5V
V+=5V,TA=25°C
V+=5V
V+=3V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com