Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3000 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M3000
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3000 Datasheet(HTML) 2 Page - Unisonic Technologies

  M3000 Datasheet HTML 1Page - Unisonic Technologies M3000 Datasheet HTML 2Page - Unisonic Technologies M3000 Datasheet HTML 3Page - Unisonic Technologies M3000 Datasheet HTML 4Page - Unisonic Technologies M3000 Datasheet HTML 5Page - Unisonic Technologies M3000 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M3000
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-473.a
PIN CONFIGURATIONS
A
VOUT
RR1
RC1
RR2
RC2
1OUT
1IN-
1IN+
2IN-
2OUT
VDD
VSS
IB
VC
7
6
5
4
3
2
1
14
13
12
10
11
15
16
8
9
VRF/RESET
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
PIN DESCRIPTION
1
A
I
Retriggerable & non-retriggerable mode select
2
VOUT
O
Detector output pin (active high)
3
RR1
Output pulse width control (Tx)
4
RC1
Output pulse width control (Tx)
5
RC2
Trigger inhibit control (Ti)
6
RR2
Trigger inhibit control (Ti)
7
VSS
Ground
8
VRF
I
RESET & voltage reference input
(normally high. Low=reset)
9
VC
I
Trigger disable input
(VC>0.2Vdd=enable; VC<0.2Vdd=disable)
10
IB
Op-amp input bias current setting
11
VDD
Supply voltage
12
2OUT
O
2
nd stage Op-amp output
13
2IN-
I
2
nd stage Op-amp inverting input
14
1IN+
I
1
st stage Op-amp non-inverting input
15
1IN-
I
1
st stage Op-amp inverting input
16
1OUT
O
1
st stage Op-amp output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com