Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3366L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M3366L-S08-R
Description  3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M3366L-S08-R Datasheet HTML 1Page - Unisonic Technologies M3366L-S08-R Datasheet HTML 2Page - Unisonic Technologies M3366L-S08-R Datasheet HTML 3Page - Unisonic Technologies M3366L-S08-R Datasheet HTML 4Page - Unisonic Technologies M3366L-S08-R Datasheet HTML 5Page - Unisonic Technologies M3366L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M3366
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R124-002.Ba
ABSOLUTE MAXIMUM RATING (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
15
V
DIP-8
500
Power Dissipation
SOP-8
PD
300
mW
Operating Temperature
TOPR
-20~+75
°C
Storage Temperature
TSTG
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+=5V,TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Recommended Supply Voltage
V
+
4.75
13.0
V
Operating Current
ICC
S1=S2=S3=S4=S5=2
11.5
16.5
22.0
mA
Voltage Gain
Gv
Vin=2.0Vp-p, 100kHz, Vo/Vi,
RL=150Ω
-0.8
-0.3
+0.2
dB
Frequency Characteristic
Gf
Vin=2.0Vp-p,
Vo(10MHz)/Vo(100kHz), RL=150Ω
-1.0
+1.0
dB
Differential Gain
DG
Vin=2.0Vp-p, staircase, RL=150Ω
0.3
%
Differential Phase
DP
Vin=2.0Vp-p, staircase, RL=150Ω
0.3
deg.
Output Offset Voltage
Voff
S1=S2=S3=2, S5=1→2
Vo: voltage change
0
±30
mV
Crosstalk
CT
Vin=2.0Vp-p, 4.43MHz, Vo/Vi
-70
dB
VCH
All inside SW: ON
2.4
Switch Change Voltage
VCL
All inside SW: OFF
0.8
V
Note: Unless specified, tested with three mode below.
(a) S1=1, S2=S3=S4=S5=2 (b) S2=S4=1, S1=S3=S5=2 (c) S1=S2=2, S3=S5=1, S4=1 or 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com