Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54123L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # M54123L-S08-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54123L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  M54123L-S08-R Datasheet HTML 1Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 2Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 3Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 4Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 5Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 6Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 7Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 8Page - Unisonic Technologies M54123L-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
M54123L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R122-001,D
TYPICAL CHARACTERISTICS
8
2
20
18
16
14
12
10
0
12
10
8
6
4
0
200
30
25
20
15
10
5
100
700
600
500
400
300
Vcc Voltage vs. Supply Voltage
Supply Voltage, Vs (V)
Vcc voltage generates by the constant voltage circuit in IC.
This is measured not by M54123L but by a special
element.
Supply Current 1 vs. Supply Voltage
Supply Voltage, Vs (V)
25°C
75°C
Ta=-25°C
25°C
75°C
Ta=-25°C
0
0.5
20
16
12
8
4
0
2.5
2.0
1.5
1.0
-40
100
80
40
20
0
-20
0
500
400
300
200
100
60
1000
900
700
800
600
Reference Voltage vs. Supply Voltage
Supply Voltage, Vs (V)
Bias Current vs.Ambient Temperature
Ambient Temperature, Ta (°C)
25°C
-25°C
Ta=75°C
5
0.5
10
9
8
7
6
0
2.5
2.0
1.5
1.0
-40
80
40
20
0
-20
0
-20
-10
100
60
-50
-40
-30
Differential Amplifier Output Voltage
vs.Differential Input Voltage
Differential Input Voltage △VI=VR-VIN (mV)
Timing Current vs.Ambient Temperature
Ambient Temperature, Ta (°C)
25°C
-25°C
Ta=75°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com