Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54123LK-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # M54123LK-S08-R
Description  EARTH LEAKAGE CURRENT DETECTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M54123LK-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  M54123LK-S08-R Datasheet HTML 1Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 2Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 3Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 4Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 5Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 6Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 7Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 8Page - Unisonic Technologies M54123LK-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
M54123L
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R122-001,D
TYPICAL CHARACTERISTICS(Cont.)
-50
2.5
100
75
50
25
0
-25
2
4.5
4
3.5
3
Operating Time vs. Ambient
Temperature
0.4
1.6
1.2
1
0.8
0.6
0
4
2
1.8
1.4
8
6
Os Voltage vs. Sc Voltage
SC Voltage, VSC (V)
Ambient Temperature, Ta °C
Ta=75°C
25°C
-25°C
06
4
3
2
1
0
-200
-100
7
5
-400
-300
OS Output Voltage, VOS (V)
Output Current vs. Os Output Votltage
-50
2
100
75
50
25
0
-25
0
10
8
6
4
Trip Voltage vs. Ambient Temperature
Ambient Temperature, Ta (°C)
Ta=-25°C
25°C
75°C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com