Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CL-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MBR20100CL-TQ2-R
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR20100CL-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MBR20100CL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies MBR20100CL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies MBR20100CL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR20100C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-016,C
ELECTRICAL CHARACTERISTICS (T
A=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Maximum DC Blocking Voltage
VR
100
V
Working Peak Reverse Voltage
VRWM
100
V
Maximum PMS Reverse Voltage
VR(RMS)
70
V
Average Forward Rectified
Output Current
Per Leg
IOUT
10
A
Total Device
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half-Sine-Wave
IFSM
150
A
Forward Voltage
TC=25°C
IF=10A
VF
0.85
V
IF=20A
0.95
V
TC=125°C
IF=10A
0.75
V
IF=20A
0.85
V
Maximum DC Reverse Current
TC=25°C
IR
0.15
mA
TC=125°C
150
mA
Junction Capacitance (Note 1)
CJ
1000
pF
Operating Temperature
TJ
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes.1: Applied VR = 4.0V and f = 1.0MHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com