Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4560-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC4560-S08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4560-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC4560-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4560-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC4560
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-014.B
DUAL OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC MC4560 is a dual operational amplifier suitable for
driving 20V peak-to-peak into 400Ω loads. It offer many features
which provide the capability of wider bandwidth, and higher slew rate
to make it ideal for active filters, data and telecommunications, and
many instrumentation applications.
FEATURES
*Operating Voltage
(±4V~±18V)
*Wide Gain Bandwidth Product. (10MHz typ.)
*Slew Rate
(4V /
µs typ.)
*Bipolar Technology
*Pb-free plating product number: MC4560L
■
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
MC4560-D08-T
MC4560L-D08-T
DIP-8
Tube
MC4560-S08-R
MC4560L-S08-R
SOP-8
Tape Reel
MC4560-S08-T
MC4560L-S08-T
SOP-8
Tube


Similar Part No. - MC4560-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC4560-S08-R UTC-MC4560-S08-R Datasheet
181Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
More results

Similar Description - MC4560-S08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
Dual operational amplifier
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
Dual Operational Amplifier
logo
Integral Corp.
IL4580 INTEGRAL-IL4580 Datasheet
609Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA17904 RENESAS-HA17904 Datasheet
199Kb / 8P
Dual Operational Amplifier
HA17458 RENESAS-HA17458 Datasheet
99Kb / 9P
Dual Operational Amplifier
logo
IK Semicon Co., Ltd
IL4580 IKSEMICON-IL4580 Datasheet
610Kb / 5P
DUAL OPERATIONAL AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGSC4558 SECOS-SGSC4558 Datasheet
528Kb / 4P
Dual Operational Amplifier
logo
New Japan Radio
NJM4560E NJRC-NJM4560E Datasheet
203Kb / 5P
DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com