Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AL-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC34063AL-S08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34063AL-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34063AL-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 8Page - Unisonic Technologies MC34063AL-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34063A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-008,I
DC TO DC CONVERTER
CONTROLLER
DESCRIPTION
The UTC MC34063A is a monolithic regulator subsystem,
intended for use as DC to DC converter. This device contains a
temperature compensated band gap reference, a duty-cycle
control oscillator, driver and high current output switch. It can be
used for step down, step-up or inverting switching regulators as
well as for series pass regulators.
FEATURES
* Operation from 3.0V to 40V.
* Short circuit current limiting.
* Low standby current.
* Output switch current of 1.5A without external transistors.
* Frequency of operation from 100Hz to 100kHz.
* Step-up, step-down or inverting switch regulators.
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
MC34063AL-D08-T
MC34063AG-D08-T
DIP-8
Tube
MC34063AL-S08-R
MC34063AG-S08-R
SOP-8
Tape Reel
MC34063AL-S08-T
MC34063AG-S08-T
SOP-8
Tube


Similar Part No. - MC34063AL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MC34063AL-S08-R UTC-MC34063AL-S08-R Datasheet
479Kb / 10P
DC TO DC CONVERTER CONTROLLER
MC34063AL-S08-R UTC-MC34063AL-S08-R Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results

Similar Description - MC34063AL-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
Dc to Dc Converter Controller
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Unisonic Technologies
UC33063A UTC-UC33063A_15 Datasheet
459Kb / 9P
DC TO DC CONVERTER CONTROLLER
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com