Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ME7660L-SO8-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # ME7660L-SO8-R
Description  CHARGE PUMP DC-DC VOLTAGE CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ME7660L-SO8-R Datasheet(HTML) 4 Page - Unisonic Technologies

  ME7660L-SO8-R Datasheet HTML 1Page - Unisonic Technologies ME7660L-SO8-R Datasheet HTML 2Page - Unisonic Technologies ME7660L-SO8-R Datasheet HTML 3Page - Unisonic Technologies ME7660L-SO8-R Datasheet HTML 4Page - Unisonic Technologies ME7660L-SO8-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ME7660
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-730.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
10.5
V
LV and OSC Inputs Voltage
V
+<5.5V
VLX
-0.3~(V
++0.3)
V
V
+>5.5V
VOSC
(V
+-5.5)~(V++0.3)
V
Power Dissipation(TA≤75 )
℃
PD
470
mW
Current Into LV
V
+>3.5V
ILV
20
uA
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-65 ~ +150
℃
ELECTRICAL CHARACTERISTICS (V+=5V,COSC=0)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
I
+
RL=∞
60
120
uA
Supply Voltage
High
V
+
H
LV Open
3
10
V
Low
V
+
L
LV to GND
1.5
4
V
Output Resistance
ROUT
IOUT=20mA, TA=25℃
110
Ω
IOUT=3mA, V
+=2V,TA=25℃
220
Ω
Oscillator Frequency
FOSC
Pin 7 open
10
kHz
Power Efficiency
PEFF
RL=5kΩ
90
98
%
Voltage Conversion Efficiency
VEFF
RL=∞
98
99.9
%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com