Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34119G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MC34119G-S08-R
Description  LOW POWER AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MC34119G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 6Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 7Page - Unisonic Technologies MC34119G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R107-038,H
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
Mute
This pin can be used to power down the IC to converse power, or for muting, or both. When
at a logic “LOW” (less than 0.8V), the IC is enabled for normal operation. When at a logic
“HIGH” (2V to VCC), the IC is disabled. If Mute is open, that is equivalent to a logic “LOW”.
2
Ripple
Rejection
A capacitor at this pin increase power supply rejection, and affects turn-on time. This pin
can be left open if the capacitor at pin 3 is sufficient.
3
Input(+)
Analog Ground for the amplifiers. A 1μF capacitor at this pin (with a 5μF capacitor at pin 2)
provides 52dB( typ) of power supply rejection. Turn-on time of the circuit is affected by the
capacitor on this pin. This pin can be used as an alternative input.
4
Input(-)
Amplifier input. The input capacitor and resistor set low frequency roll-off and input
impedance. The feedback resistor is connected between this pin and output 1.
5
Output 1 Amplifier output 1. The DC level is about (VCC~0.7V)/2.
6
VCC
DC supply voltage is applied to this pin (VCC=2~16V).
7
GND
Ground pin.
8
Output 2
Amplifier output 2. This signal is equal in amplitude, but 180°out of phase with that output 1,
the DC level is about (Vcc~0.7V)/2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com