Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13003DL-T92-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MJE13003DL-T92-R
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13003DL-T92-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MJE13003DL-T92-R Datasheet HTML 1Page - Unisonic Technologies MJE13003DL-T92-R Datasheet HTML 2Page - Unisonic Technologies MJE13003DL-T92-R Datasheet HTML 3Page - Unisonic Technologies MJE13003DL-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJE13003D
Preliminary
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R204-025.d
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector- Emitter Voltage (VBE =0)
VCES
700
V
Collector-Emitter Voltage (IB =0)
VCEO
400
V
Emitter-Base Voltage (IC=0, IB=0.75A, tP<10μS)
VEBO
9
V
Collector Current
IC
1.5
A
Collector Peak Current (tP<5ms)
ICM
3
A
Base Current
IB
0.75
A
Base Peak Current (tP<5ms)
IBM
1.5
A
Power Dissipation (TC=25°C)
TO-126
PD
40
W
TO-92
30
TO-220
70
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Emitter-Base Breakdown Voltage
BVEBO
IE =10mA, IC=0
9
18
V
Collector-Emitter Sustaining Voltage (Note)
VCEO(SUS)
IC=10mA, IB=0
400
V
Collector Cut-Off Current
ICES
VCE =700V,VBE =0
1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=0.5 A, IB=0.1 A
0.5
V
IC=1 A, IB=0.25 A
1
V
IC=1.5 A, IB=0.5 A
3
V
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=0.5 A, IB=0.1 A
1
V
IC=1 A, IB=0.25 A
1.2
V
DC Current Gain
hFE
IC=0.5A, VCE =5 V
8
51
IC=1 A, VCE =5 V
5
30
Resistive Load
Rise Time
tR
VCC=125 V, IC=1 A,
IB1=0.2 A, IB2=-0.2 A
tP=25μs
1
μs
Storage Time
tS
4
μs
Fall Time
tF
0.7
μs
Inductive Load Storage Time
tS
IC=1 A, IB1=0.2 A,VBE =-5 V,
L=50mH, VCLAMP=300V
0.8
μs
Diode Forward Voltage
VF
IF=0.5 A
1.5
V
Note: Pulse Test: Pulse duration≤300μs, Duty cycle≤2 %



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com