Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222AL-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT2222AL-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT2222AL-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT2222AL-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBT2222AL-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBT2222AL-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBT2222AL-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBT2222AL-AE3-R Datasheet HTML 5Page - Unisonic Technologies MMBT2222AL-AE3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2222A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R206-019,I
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
IC=10μA, IE=0
75
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=10mA, IB=0
40
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10μA, IC =0
6
V
VCB=60V, IE=0
0.01
µA
Collector Cutoff Current
ICBO
VCB=60V, IE=0, Ta=150°C
10
µA
Emitter Cutoff Current
IEBO
VEB=3.0V, IC=0
10
nA
Base Cutoff Current
IBL
VCE=60V, VEB(OFF)=3.0V
20
nA
Collector Cutoff Current
ICEO
VCE=60V, VEB(OFF)=3.0V
10
nA
ON CHARACTERISTICS
IC =0.1mA, VCE=10V
35
IC =1.0mA, VCE=10V
50
IC =10mA, VCE=10V
75
IC =10mA, VCE=10V, Ta= -55°C
35
IC =150mA, VCE=10V(Note)
100
300
IC =150mA, VCE=1.0V(Note)
50
DC Current Gain
hFE
IC =500mA, VCE=10V(Note)
40
IC =150mA, IB=15mA
0.3
V
Collector-Emitter Saturation
Voltage(Note)
VCE(SAT)
IC =500mA, IB=50mA
1.0
V
IC =150mA, IB=15mA
0.6
1.2
V
Base-Emitter Saturation
Voltage(Note)
VBE(SAT)
IC =500mA, IB=50mA
2.0
V
SMALL SIGNAL CHARACTERISTICS
Real Part of Common-Emitter High
Frequency Input Impedance
Re(hje)
IC=20mA, VCB=20V, f=300MHz
60
Transition Frequency
fT
IC =20mA, VCE=20V, f=100MHz
300
MHz
Output Capacitance
Cobo
VCB=10V, IE=0, f=100kHz
8.0
pF
Input Capacitance
Cibo
VEB=0.5V, IC=0, f=100kHz
25
pF
Collector Base Time Constant
rb'Cc
IC=20mA, VCB=20V, f=31.8MHz
150
pS
Noise Figure
NF
IC=100μA, VCE=10V, Rs=1.0kΩ
f=1.0kHz
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
tD
VCC=30V, VBE(OFF)=0.5V,
10
ns
Rise Time
tR
IC=150mA, IB1=15mA
25
ns
Storage Time
tS
Vcc=30V, IC=150mA
225
ns
Fall Time
tF
IB1= IB2=15mA
60
ns
Note: Pulse test: Pulse Width
≤ 300μs, Duty Cycle ≤ 2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com