Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907A-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBT2907A-AL3-R
Description  PNP GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT2907A-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBT2907A-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBT2907A-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBT2907A-AL3-R Datasheet HTML 3Page - Unisonic Technologies MMBT2907A-AL3-R Datasheet HTML 4Page - Unisonic Technologies MMBT2907A-AL3-R Datasheet HTML 5Page - Unisonic Technologies MMBT2907A-AL3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBT2907A
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 6
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R220-001.D
PNP GENERAL PURPOSE
AMPLIFIER
DESCRIPTION
This UTC MMBT2907A is designed for use as a general
purpose amplifier and switch requiring collector currents to 500 mA.
Lead-free:
MMBT2907AL
Halogen-free:MMBT2907AG
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
MMBT2907A-AE3-R MMBT2907AL-AE3-R MMBT2907AG-AE3-R
SOT-23
E
B
C
Tape Reel
MMBT2907A-AL3-R MMBT2907AL-AL3-R MMBT2907AG-AL3-R
SOT-323
E
B
C
Tape Reel
MARKING
2F
L: Lead Free
G: Halogen Free


Similar Part No. - MMBT2907A-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT2907A-AL3-6-R UTC-MMBT2907A-AL3-6-R Datasheet
298Kb / 6P
PNP GENERAL PURPOSE AMPLIFIER
More results

Similar Description - MMBT2907A-AL3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com