Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906G-AL3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MMBT3906G-AL3-R
Description  GENERAL PURPOSE APPLIATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT3906G-AL3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MMBT3906G-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBT3906G-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBT3906G-AL3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBT3906
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R206-013.D
TYPICAL CHARACTERISTICS
DC Current Gain
Collector Current, IC(mA)
-3 -5 -10 -30 -50 -100 -300 -1000
30
10
50
100
300
1000
VCE=-20V
Current Gain-Bandwidth Product
Collector Current, IC(mA)
-1
-0.3 -0.5 -1
-3 -5 -10 -30 -50 -100
-0.1
10
30
50
100
300
500
1000
500
VCE=-1V
VCE=10V
VCE=1V
IE=0
f=100KHz
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC(mA)
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
-10
IC=10 IB
-100
-50
-30
-10
-5
-3
-1
0
2
4
6
8
10
12
Output Capacitance
Collector-Base Voltage, VCB(V)
-0.3 -0.5 -1
-3 -5 -10 -30 -50 -100
-0.1
VBE(SAT)
VCE(SAT)
-30
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com