Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA06-AE3-R
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA06-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA06-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA06-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBTA06
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R206-041,D
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
80
V
Collector Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
500
mA
350
mW
Total Device Dissipation(Note 2)
Derate Above 25°C
PD
2.8
mW/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Device mounted on FR-4=1.6×1.6×0.06 in
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
θJA
357
°C/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage (Note 1)
BVCEO
IC=1.0mA, IB=0
80
V
Emitter Base Breakdown Voltage
BVEBO
IE=100μA, IC=0
4
V
Collector Cutoff Current
ICES
VCE=60V, IB=0
0.1
μA
Collector Cutoff Current
ICBO
VCB=80V, IE=0
0.1
μA
ON CHARACTERISTICS
VCE=1V , IC=10mA,
100
DC Current Gain
hFE
VCE=1V , IC=100mA,
100
Collector Emitter Saturation Voltage
VCE(SAT) IC=100mA, IB=10mA
0.25
V
Base Emitter on Voltage
VBE(ON)
VCE=1V , IC=100mA,
1.2
V
SMALL-SIGNAL CHARACTERISTICS
Current Gain Bandwidth Product (Note2)
fT
VCE=2V, IC=10mA, f=100MHz 100
MHz
Note 1: Pulse test: PW≤300μs, Duty Cycle≤2%
2: fT is defined as the frequency at which IhfeI extrapolates to unity.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com