Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBTA06L-AE3-R
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA06L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBTA06L-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA06L-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA06L-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA06L-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA06L-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBTA06
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R206-041.D
AMPLIFIER TRANSISTOR
FEATURES
* Collector-Emitter Voltage: VCEO=80V
* Collector Dissipation: PD=350mW
Lead-free:
MMBTA06L
Halogen-free:MMBTA06G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen Free
Package
1
2
3
Packing
MMBTA06-AE3-R MMBTA06L-AE3-R MMBTA06G-AE3-R
SOT-23
E
B
C
Tape Reel
MARKING


Similar Part No. - MMBTA06L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA06L-AE3-R UTC-MMBTA06L-AE3-R Datasheet
115Kb / 5P
AMPLIFIER TRANSISTOR
More results

Similar Description - MMBTA06L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P2N2907A MOTOROLA-P2N2907A Datasheet
240Kb / 6P
Amplifier Transistor
logo
Fairchild Semiconductor
KSP8098 FAIRCHILD-KSP8098 Datasheet
37Kb / 4P
Amplifier Transistor
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
73Kb / 8P
Amplifier Transistor
November, 2001 ??Rev. 11
2N5087 ONSEMI-2N5087 Datasheet
146Kb / 8P
Amplifier Transistor
November, 2001 ??Rev. 1
logo
Motorola, Inc
MMBC1623L3 MOTOROLA-MMBC1623L3 Datasheet
192Kb / 6P
AMPLIFIER TRANSISTOR
logo
Unisonic Technologies
MMBTA06 UTC-MMBTA06 Datasheet
115Kb / 5P
AMPLIFIER TRANSISTOR
MPSA05 UTC-MPSA05 Datasheet
187Kb / 5P
AMPLIFIER TRANSISTOR
MPSA06 UTC-MPSA06 Datasheet
187Kb / 5P
AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT8099LT1G ONSEMI-MMBT8099LT1G Datasheet
163Kb / 5P
Amplifier Transistor
August, 2009 ??Rev. 2
MPS6507 ONSEMI-MPS6507 Datasheet
97Kb / 2P
Amplifier Transistor
August, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com