Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA06G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTA06G-AE3-R
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA06G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTA06G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA06G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA06G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA06G-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA06G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA06
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-041,D
TYPICAL CHARACTERISTICS
0.5
40
1.0 2.0 3.0
10 20
50100200300
60
80
400
DC Current Gain
200
Collector Current, IC (mA)
5.0
30
500
100
-55℃
25℃
TJ=125℃
VCE=1.0V
0.5
0
1.0 2.0
10 20 50 100200
0.2
1.0
ON” Voltages
0.8
Collector Current, IC (mA)
5.0
500
0.4
VCE(SAT)@IC/IB=10
TJ=125℃
0.6
VBE(SAT)@IC/IB=10
VBE(ON)@VCE=1.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com