Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA14-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA14-AE3-R
Description  DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA14-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA14-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA14-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA14-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBTA14
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R206-038.B
ABSOLUTE MAXIMUM RATING (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Dissipation (TC=25°C)
PC
350
mW
Collector Current
IC
500
mA
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Emitter Breakdown Voltage
BVCES
IC=100µA, IB=0
30
V
Collector CutOff Current
ICBO
VCB=30V, IE=0
100
nA
Emitter CutOff Current
IEBO
VEB=10V, IC=0
100
nA
DC Current Gain
hFE
VCE=5V, IC=100 mA (Note)
20000
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100mA, IB=0.1mA (Note)
1.5
V
Base-Emitter on Voltage
VBE(ON)
VCE=5V, IC=100mA (Note)
2.0
V
Current Gain Bandwidth Product
fT
VCE=5V, IC=10mA, f=100MHz
125
MHz
Note: Pulse Width<300µs, Duty Cycle
≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com