Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA56G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTA56G-AE3-R
Description  AMPLIFIER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA56G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTA56G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA56G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA56G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA56G-AE3-R Datasheet HTML 4Page - Unisonic Technologies MMBTA56G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTA56
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-090,B
TYPICAL CHARACTERISTICS
-5.0
10
-7.0
-20 -30-50
-100-200-300-500
20
30
70
300
1.0K
Switching Time
50
500
tf
-10
-70
Collector Current, IC (mA)
100
200
700
ts
tr
VCC=-40V
IC/IB=10
IB1=IB2
TJ=25℃ td@VBE(off)=-0.5V
Collector-Emitter Voltage, VCE (V)
-700
-1.0
-5.0
-20
Active-Region Safe Operating Area
TA=25℃
Current Limit
Thermal Limit
Second Breakdown Limit
MMBTA55
MMBTA56
TC=25℃
1.0ms
-2.0-3.0
-7.0-10
-30 -50-70-100
-10
-20
-30
-50
-70
-100
-200
-300
-500
-1.0K
1.0s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com