Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA45G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBTA45G-AE3-R
Description  HIGH VOLTAGE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTA45G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBTA45G-AE3-R Datasheet HTML 1Page - Unisonic Technologies MMBTA45G-AE3-R Datasheet HTML 2Page - Unisonic Technologies MMBTA45G-AE3-R Datasheet HTML 3Page - Unisonic Technologies MMBTA45G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA44/45
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-007.E
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
MMBTA44
500
V
Collector-Base Voltage
MMBTA45
VCBO
400
V
MMBTA44
400
V
Collector-Emitter Voltage
MMBTA45
VCEO
350
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Ta=25°C
350
mW
Power Dissipation
TC=25°C
PD
1.5
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MMBTA44
500
V
Collector-Base Breakdown
Voltage
MMBTA45
BVCBO
IC=100μA, IB=0
400
V
MMBTA44
400
V
Collector-Emitter Breakdown
Voltage
MMBTA45
BVCEO
IC =1mA, IB=0
350
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100μA, IC =0
6
V
IC =1mA, IB=0.1mA
0.4
V
IC =10mA, IB=1mA
0.5
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =50mA, IB=5mA
0.75
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC 10mA, IB=1mA
0.75
V
MMBTA44
VCB=400V, IE =0
0.1
μA
Collector Cut-off Current
MMBTA45
ICBO
VCB=320V, IE =0
0.1
μA
MMBTA44
VCE =400V, IB=0
0.5
μA
Collector Cut-off Current
MMBTA45
ICES
VCE =320V, IB=0
0.5
μA
Emitter Cut-off Current
IEBO
VEB=4V, IC =0
0.1
μA
hFE1
VCE =10V, IC =1mA
40
hFE2
VCE =10V, IC =10mA
50
240
hFE3
VCE =10V, IC =50mA
45
DC Current Gain (Note)
hFE4
VCE =10V, IC =100mA
40
Current Gain Bandwidth Product
fT
VCE =20V, IC =10mA
f=100MHz
50
MHz
Output Capacitance
Cob
VCB=20V, IE =0, f=1MHz
7
pF
Note: Pulse test: PW<300μs, Duty Cycle<2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com