Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10-X-AL3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MMBTH10-X-AL3-R
Description  RF TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBTH10-X-AL3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MMBTH10-X-AL3-R Datasheet HTML 1Page - Unisonic Technologies MMBTH10-X-AL3-R Datasheet HTML 2Page - Unisonic Technologies MMBTH10-X-AL3-R Datasheet HTML 3Page - Unisonic Technologies MMBTH10-X-AL3-R Datasheet HTML 4Page - Unisonic Technologies MMBTH10-X-AL3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBTH10
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R206-003.F
TYPICAL CHARACTERISTICS(Cont.)
12
0
100
1000
Output Admittance
200
500
6
VCE=10V
IC=5mA
10
8
4
2
gob
bob
120
-120
0
1000
Input Admittance
200
500
0
80
40
-40
-80
gib
bib
Frequency, f (MHz)
Frequency, f (MHz)
VCE=10V
IC=5mA
120
-120
0
1000
Forward Transfer Admittance
200
500
0
80
40
-40
-80
gfb
bfb
8
0
0
1000
Reverse Transfer Admittan
200
500
6
4
2
-grb
-brb
Frequency, f (MHz)
Frequency, f (MHz)
24
0
0
1000
Input Admittance
200
500
12
VCE=10V
20
16
8
4
Ic=2mA
gie
bie
6
0
0
1000
Output Admittance
200
500
3
VCE=10V
5
4
2
1
Ic=2mA
boe
goe
Frequency, f (MHz)
Frequency, f (MHz)
VCE=10V
IC=5mA
VCE=10V
IC=5mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com