Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD33CV Datasheet(PDF) 12 Page - Unisonic Technologies

Part # LD33CV
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LD33CV Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button LD33CV Datasheet HTML 7Page - Unisonic Technologies LD33CV Datasheet HTML 8Page - Unisonic Technologies LD33CV Datasheet HTML 9Page - Unisonic Technologies LD33CV Datasheet HTML 10Page - Unisonic Technologies LD33CV Datasheet HTML 11Page - Unisonic Technologies LD33CV Datasheet HTML 12Page - Unisonic Technologies LD33CV Datasheet HTML 13Page - Unisonic Technologies LD33CV Datasheet HTML 14Page - Unisonic Technologies LD33CV Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
LD1117/A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 15
www.unisonic.com.tw
QW-R102-006.AG
APPLICATION NOTE of LD1117/A ADJUSTABLE
The LD1117/A adjustable has a reference voltage of between the OUT and ADJ/GND pins. IADJ is 60µA typ.
(120µA max.) and
ΔIADJ is 1μA typ. (5µA max.).
R1 is normally fixed to 120Ω.
From figure 4 we obtain:
VOUT=VREF+R2(IADJ+IR1)=VREF + R2(IADJ+VREF/R1)=VREF(1+R2/R1) + R2 x IADJ.
Usually R2 value is in the range of few KΩ, so the R2 X IADJ product could be neglected; then the above
expression becomes: VOUT=VREF(1+R2/R1)
For better load regulation, realize a good Kelvin connection of R1 and R2 is important. Particularly R1
connection must be realized very close to OUT and ADJ/GND pin, while R2 ground connection must be placed
as near as possible to the negative Load pin. Ripple rejection can be improved by introducing a 10
μF
electrolytic capacitor placed in parallel to the R2 resistor (See Fig. 8)
Fig.6 Adjustable Output Voltage Application Circuit
Fig.7 Adjustable Output Voltage Application Circuit
(FOR MLCC)
Fig.8 Adjustable Output Voltage Application with improved Ripple Rejection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com