Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10NN15L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 10NN15L-S08-R
Description  DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10NN15L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  10NN15L-S08-R Datasheet HTML 1Page - Unisonic Technologies 10NN15L-S08-R Datasheet HTML 2Page - Unisonic Technologies 10NN15L-S08-R Datasheet HTML 3Page - Unisonic Technologies 10NN15L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10NN15
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-565.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
150
V
Gate-Source Voltage
VGSS
±20
V
Continuous (Note 3)
ID
3
A
Drain Current
Pulsed (Note 2)
IDM
12
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by Max. junction temperature.
3. Surface mounted on 1in2 copper pad of FR4 board, t≤10sec; 135°C/W when mounted on Min. copper pad.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 3)
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
150
V
Drain-Source Leakage Current
IDSS
VDS=150V, VGS=0V
10
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
400 mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
420 672
pF
Output Capacitance
COSS
60
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
40
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
10
16
nC
Gate to Source Charge
QGS
2
nC
Gate to Drain Charge
QGD
VGS=10V, VDS=120V, ID=3A
(Note 1, 2)
4
nC
Turn-ON Delay Time
tD(ON)
6.5
ns
Rise Time
tR
7
ns
Turn-OFF Delay Time
tD(OFF)
14
ns
Fall-Time
tF
VDS=75V, VGS=10V, ID=3A,
RG=3.3Ω (Note 1, 2)
35
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=3A, VGS=0V
1.3
V
Body Diode Reverse Recovery Time
tRR
40
ns
Body Diode Reverse Recovery Charge
QRR
IS=3A, VGS=0V, dIF/dt=100A/µs
75
µC
Note:
1. Pulse width ≤ 300µs, duty cycle ≤ 2% .
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com