Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N50L-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 12N50L-TQ2-R
Description  12A, 500V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

12N50L-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  12N50L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 12N50L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 12N50L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 12N50L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 12N50L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 12N50L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-528.c
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous (TC=25°C)
ID
12 (Note 2)
A
Pulsed (Note 3)
IDM
48 (Note 2)
A
Avalanche Current (Note 3)
IAR
12
A
Avalanche Energy
Single Pulsed (Note 4)
EAS
684
mJ
Repetitive (Note 5)
EAR
19.5
mJ
Peak Diode Recovery dv/dt (Note 5)
dv/dt
4.5
V/ns
Power Dissipation
(TC=25°C)
TO-220/ TO-263
PD
192
W
TO-220F1
42
Derate above 25°C
TO-220/ TO-263
1.53
W/°C
TO-220F1
0.33
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Drain current limited by maximum junction temperature
3. Repetitive Rating: Pulse width limited by maximum junction temperature
4. L =9.5mH, IAS = 12A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
5. ISD ≤ 12A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/ TO-263
θJC
0.65
°C/W
TO-220F1
3.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com