Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MPSA13
Description  DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA13 Datasheet(HTML) 2 Page - Unisonic Technologies

  MPSA13 Datasheet HTML 1Page - Unisonic Technologies MPSA13 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MPSA13
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisoniC.Com.tw
QW-R208-001.Ca
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
500
mA
Collector Dissipation
PC
625
mW
Junction Temperature
TJ
125
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note: 1. Absolute maximum ratings are those values beyond which the device Could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
BVCES
IC=100μA, IB=0
30
V
Collector Cut-Off Current
ICBO
VCB=30V, IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=10V, IC=0
100
nA
DC Current Gain
hFE
VCE=5V, IC=100mA
10000
Collector-Emitter Saturation Voltage
VCE(SAT) IC=100mA, IB=0.1mA
1.5
V
Base-Emitter on Voltage
VBE(ON) VCE=5V, IC=100mA
2.0
V
Current Gain Bandwidth Product
fT
VCE=5V, IC=10mA, f=100MHz
125
MHz
Note: Pulse test: Pulse Width<300
μs, Duty Cycle=2%
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com