Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N06L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 15N06L-TN3-R
Description  15A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

15N06L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  15N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 15N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-260.D
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Drain-Gate Voltage (RG=20kΩ)
VDGR
60
V
Gate-Source Voltage
VGSS
±15
V
Continuous Drain Current (TC=25°C)
ID
15
A
Pulsed Drain Current (Note 2)
IDM
60
A
Avalanche Current (Note 3)
IAR
15
A
Avalanche Energy
Single Pulsed (Note 4)
EAS
50
mJ
Repetitive (Note 3)
EAR
12
mJ
Power Dissipation
(TA=25°C)
TO-220
PD
40
W
TO-220F
21
TO-252
28
SOP-8
2.0
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by safe operating area.
Pulse width limited by TJ(MAX),δ<1%
Starting TJ=25°C, ID=IAR, VDD=25V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/ TO-220F
θJA
62.5
°C/W
TO-252
110
SOP-8
125
Junction to Case
TO-220
θJC
3.13
°C/W
TO-220F
5.95
TO-252
4.53
SOP-8
62.5
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
60
V
Drain-Source Leakage Current
IDSS
VDS=Max Rating
250
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±15V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250 µA
1
1.7
2.5
V
On State Drain Current
ID(ON)
VDS>ID(ON)×RDS(ON)MAX, VGS=10V
15
A
Static Drain-Source On-Resistance
RDS(ON)
VGS=5V, ID=7.5A
75
100
mΩ
Forward Transconductance (Note 1)
gFS
VDS>ID(ON)×RDS(ON)MAX, ID=7.5A
3
5
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
700
950
pF
Output Capacitance
COSS
230
310
pF
Reverse Transfer Capacitance
CRSS
80
110
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com