Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2576L-XX-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # P2576L-XX-S08-R
Description  3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P2576L-XX-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  P2576L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 7Page - Unisonic Technologies P2576L-XX-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
P2576
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R101-025.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VCC
40
V
Maximum Supply Voltage
VCC(MAX)
45
V
OFF
/
ON
Pin Input Voltage
VON/OFF
-0.3 ~ VIN
V
Output Voltage to Ground (Steady State)
VOUT
-1.0
V
Power Dissipation
PD
Internally Limited
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TJ=25°C, VIN=12V, ILOAD=500mA.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
P2576 - 5.0V
Feedback Voltage
VOUT
VIN=12V, ILOAD=0.5A
4.900 5.0 5.100
V
8V≤VIN≤40V, 0.5A≤ILOAD≤3.0A
4.800 5.0 5.200
V
Efficiency
η
VIN = 12 V, ILOAD =3.0 A
77
%
P2576 - ADJ
Feedback Voltage
VFB
VIN=12V, ILOAD=0.5A, VOUT =5V
1.217 1.23 1.243
V
8V≤VIN≤40V, 0.5A≤ILOAD≤3.0A, VOUT =5V 1.193 1.23 1.267
V
Efficiency
η
VIN = 12 V, ILOAD =3.0 A, VOUT =5V
77
%
ALL OUTPUT VOLTAGE
Oscillator Frequency
fOSC
(Note 4)
42
52
63
kHz
Saturation Voltage
VSAT
IOUT=3A (Note 1)
1.4
1.8
V
Max Duty Cycle (ON)
DC
(Note 2)
93
98
%
Current Limit
ILIMIT
(Note 1, 4)
4.2
5.8
6.9
A
Output Leakage Current
II(LEAK)
VIN=40V, Output=-1V (Notes 3)
2
mA
Output=-1V
7.5
30
mA
Quiescent Current
IQ
(Note 6)
5
10
mA
Standby Quiescent Current
ISTBY
OFF
/
ON
Pin=5V (OFF)
50
200
μA
ON/OFF Pin Logic Input Level
VIH
VOUT=0V
2.2
1.4
V
VIL
VOUT=Nominal Output Voltage
1.2
1.0
V
ON/OFF Pin Input Current
IIΗ
OFF
/
ON
Pin=5V (OFF)
12
30
μA
IIL
OFF
/
ON
Pin=5V (ON)
0
10
μA
Notes: 1.
2.
3.
4.
Output pin sourcing current. No diode, inductor or capacitor connected to output.
Feedback pin removed from output and connected to 0V.
Feedback pin removed from output and connected to +12V, to force the output transistor OFF.
The oscillator frequency reduces to approximately 11 kHz in the event of an output short or an overload
which causes the regulated output voltage to drop approximately 40% from the nominal output voltage. This
self- protection feature lowers the Average power dissipation of P2576 by lowering the minimum duty cycle
from 5% down to approximately 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com