Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3017G-N20-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # PA3017G-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3017G-N20-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button PA3017G-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 9Page - Unisonic Technologies PA3017G-N20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PA3017
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 10
www.unisonic.com.tw
QW-R502-224.B
TYPICAL CHARACTERISTICS
10m
Total Harmonic Distortion Plus Noise
vs Output Power
Output Power, POUT (W)
10
20m 50m100m200m500m 1
2 3
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
f=10KHz
RL=3ohm
AV=21.6dB
f=1KHz
f=20KHz
f=20Hz
10m
Total Harmonic Distortion Plus Noise
vs Output Power
Output Power, POUT (W)
10
20m 50m100m200m500m 1
2
5
2
1
0.5
0.2
0.1
0.05
0.02
0.01
RL=4ohm
AV=6dB
f=10KHz
f=20KHz
f=1KHz
f=20Hz
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com