Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3112-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA3112-SM2-R
Description  DUAL 150mW AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3112-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA3112-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA3112-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PA3112
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-100,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
6
V
Input Voltage
VIN
-0.3~VDD~+0.3
V
Continuous Total Power Dissipation
internally limited
Operating Junction Temperature
TJ
-40 ~ +150
Storage Temperature
TSTG
-65 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
2.5
5.5
V
High-level Input Voltage
VIH, (SHUTDOWN)
0.6×VDD
V
Low-level Input Voltage
VIL, (SHUTDOWN)
0.25×VDD
V
ELECTRICAL CHARACTERISTICS (TA = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ELECTRICAL CHARACTERISTICS
Output Offset Voltage
VO(OFF) AV = 2 V/V,
15
mV
VDD = 3.2 V ~ 3.4 V
83
Power Supply Rejection Ratio
PSRR
VDD = 4.9 V ~ 5.1 V
76
dB
Supply Current
IDD
SHUTDOWN = 0 V,
VDD = 2.5 ~ 5.5 V
1.5
3
mA
Supply Current in SHUTDOWN
Mode
IDD(SD)
SHUTDOWN = VDD
10
50
μA
Input Impedance
ZIN
VDD = 2.5 ~ 5.5 V
>1
MΩ
AC OPERATING CHARACTERISTICS (VDD = 3.3V, RL = 16Ω)
Output Power (Each Channel)
POUT
THD 0.1%, f = 1 kHz
 
60
mW
Total Harmonic Distortion + Noise
THD+N POUT = 40 mW, 20 - 20 kHz
0.4%
Maximum Output Power BW
BOM
G = 10, THD < 5%
>20
KHz
Phase Margin
Open loop
96°
Supply Ripple Rejection Ratio
RR
f = 1 kHz
71
dB
Channel/Channel Output Separation
f = 1 kHz
89
dB
Signal-to-Noise Ratio
SNR
POUT = 50 mW, AV = 1
100
dB
Noise Output Voltage
eN
AV = 1
11
μV(rms)
AC OPERATING CHARACTERISTICS (VDD = 5V, RL = 16Ω)
Output Power (each channel)
POUT
THD≤0.1%, f = 1 kHz
150
mW
Total Harmonic Distortion + Noise
THD+N POUT = 100 mW, 20 - 20 kHz
0.6%
Maximum Output Power BW
BOM
G = 10, THD < 5%
>20
KHz
Phase Margin
Open loop
96°
Supply Ripple Rejection Ratio
RR
f = 1 kHz
61
dB
Channel/Channel Output Separation
f = 1 kHz
90
dB
Signal-to-Noise Ratio
SNR
POUT = 100 mW, AV = 1
100
dB
Noise Output Voltage
eN
AV = 1
11.7
μV(rms)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com