Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3112G-SM2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3112G-SM2-R
Description  DUAL 150mW AUDIO POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3112G-SM2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3112G-SM2-R Datasheet HTML 1Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 2Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 3Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 4Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 5Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 6Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 7Page - Unisonic Technologies PA3112G-SM2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PA3112
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-100,B
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC OPERATING CHARACTERISTICS (VDD = 3.3V, RL = 32Ω)
Output Power (Each Channel)
POUT
THD≤ 0.1%, f = 1 kHz
40
mW
Total Harmonic Distortion + Noise
THD+N POUT = 30 mW, 20 - 20 kHz
0.4%
Maximum Output Power BW
BOM
AV = 10, THD < 2%
>20
KHz
Phase Margin
Open loop
96°
Supply Ripple Rejection Ratio
RR
f = 1 kHz
71
dB
Channel/Channel Output Separation
f = 1 kHz
95
dB
Signal-to-Noise Ratio
SNR
POUT = 40 mW, AV = 1
100
dB
Noise Output Voltage
eN
AV = 1
11
μV(rms)
AC OPERATING CHARACTERISTICS (VDD = 5V, RL = 32Ω)
Output Power (Each Channel)
POUT
THD≤ 0.1%, f = 1 kHz
90
mW
Total Harmonic Distortion + Noise
THD+N POUT = 60 mW, 20 - 20 kHz
0.4%
Maximum Output Power BW
BOM
AV = 10, THD < 2%
>20
KHz
Phase Margin
Open loop
97°
Supply Ripple Rejection Ratio
RR
f = 1 kHz
61
dB
Channel/Channel Output Separation
f = 1 kHz
98
dB
Signal-to-Noise Ratio
SNR
POUT = 90 mW, AV = 1
100
dB
Noise Output Voltage
eN
AV = 1
11.7
μV(rms)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com