Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N06L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 25N06L-TN3-R
Description  25A, 60V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

25N06L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  25N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 25N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 25N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 25N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 25N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 25N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
25N06
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-450.b
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0)
VDS
60
V
Drain-Gate Voltage (RGS=20kΩ)
VDGR
60
V
Gate-Source Voltage
VGS
± 20
V
Drain Current (Continuous)
TC=25°C
ID
25
A
TC=100°C
17
A
Drain Current (Pulsed) (Note 2)
IDM
100
A
Single Pulse Avalanche Energy
(starting TJ =25°C, ID =25A, VDD =25 V)
EAS
100
mJ
Power Dissipation at TC=25°C
TO-220
PD
90
W
TO-252
41
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
62.5
°C/W
TO-252
100
Junction to Case
TO-220
θJC
1.57
°C/W
TO-252
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com