Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202L-N24-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # PA3202L-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202L-N24-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button PA3202L-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 9Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 10Page - Unisonic Technologies PA3202L-N24-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PA3202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-106.C
TYPICAL CHARACTERISTICS(Cont.)
0
0.2
0.6
0.8
00.3
0.4
Output Power, POUT (W)
0.6
0.4
0.1
RL=8Ω
Power Dissipation vs Output Power
RL=4Ω
RL=32Ω
VDD=5V
SE
Each Channel
0.2
0.5
0
0.2
0.6
0
0.4
Output Power, POUT (W)
0.25
0.15
0.05
Power Dissipation vs Output Power
RL=32Ω
VDD=3.3V
SE
Each Channel
0.1
0.2
RL=8Ω
RL=4Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com