Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3202G-N24-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA3202G-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3202G-N24-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PA3202G-N24-R Datasheet HTML 1Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 2Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 3Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 4Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 5Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 6Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 7Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 8Page - Unisonic Technologies PA3202G-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA3202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 11
www.unisonic.com.tw
QW-R502-106.C
PIN CONFIGURATION
1
GND/HS
2
TJ
3
LOUT+
4
LLINEIN
5
LHPIN
6
LBYPASS
7
LVDD
8
SHUTDOWN
9
MUTE OUT
10
LOUT-
11
MUTE IN
12
GND/HS
GND/HS
13
SE/BTL
14
ROUT-
15
HP/LINE
16
NC
17
RVDD
18
RBYPASS
19
RHPIN
20
RLINEIN
21
ROUT+
22
NC
23
GND/HS
24
PIN DESCRIPTION
PIN NO
PIN NAME
I/O
DESCRIPTION
1, 12, 13, 24
GND/HS
Power ground; directly connected to thermal pad.
6
LBYPASS
Tap to left channel internal mid-supply voltage divider bias
17, 23
NC
No connection
19
RBYPASS
Tap to right channel internal mid-supply voltage divider bias
4
LLINE IN
I
Left channel line input; selected when HP/LINE is held low
5
LHP IN
I
Left channel headphone input; selected when HP/LINE is held high
7
LVDD
I
Left channel power supply and for primary bias circuits
8
SHUTDOWN
I
Places entire IC in shutdown mode when held high, IDD = 5μA
9
MUTE OUT
I
Follows MUTE IN, provides buffered output
11
MUTE IN
I
Mute all amplifiers input; high active to mute amplify, low active to normal
operation
14
SE/BTL
I
SE & BTL mode selection; active high for SE mode, active low for BTL
mode
16
HP/LINE
I
MUX control input, active high to select headphone input, active low to
select line input
18
RVDD
I
Right channel power supply
20
RHPIN
I
Right channel headphone input, selected when HP/LINE is held high
21
RLINEIN
I
Right channel line input, selected when HP/LINE is held low
2
TJ
O
Sources current proportional to the junction temperature. Left floating for
normal operation.
3
LOUT+
O
Left channel + output in BTL & SE mode
10
LOUT-
O
Left channel – output in BTL mode & high-impedance in SE mode
22
ROUT+
O
Right channel + output in BTL & SE mode
15
ROUT-
O
Right channel – output in BTL mode & high impedance in SE mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com