Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3431L-N20-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA3431L-N20-R
Description  2W STEREO AUDIO AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3431L-N20-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA3431L-N20-R Datasheet HTML 1Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 2Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 3Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 4Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 5Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 6Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 7Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 8Page - Unisonic Technologies PA3431L-N20-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PA3431
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-185.A
TYPICAL APPLICATION CIRCUIT(Cont.)
GND
GAIN0
GAIN1
LOUT+
LIN-
PVDD
RIN+
LOUT-
LIN+
BYPASS
GND
SHUTDOWN
ROUT+
RIN-
VDD
PVDD
ROUT-
GND
NC
GND
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RIGHT
SPEAKER
TO SYSTEM CONTROL
CRIN-
C3
VDD
1µF
CS1
1µF
CS2
10µF
CB
C5 1µF
C2 1µF
CLIN+
C4 1µF
CRIN+
VDD
CLIN-
C1 1µF
LEFT
SPEAKER
UTC PA3431
Typical Application Circuit Using Differential Inputs
RIGHT
NEGATIVE
DIFFERENTIAL
INPUT
SIGNAL
LEFT
NEGATIVE
DIFFERENTIAL
INPUT
SIGNAL
RIGHT
POSITIVE
DIFFERENTIAL
INPUT
SIGNAL
LEFT
POSITIVE
DIFFERENTIAL
INPUT
SIGNAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com