Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4819-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA4819-S08-R
Description  350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4819-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA4819-S08-R Datasheet HTML 1Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 2Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 3Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 4Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 5Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 6Page - Unisonic Technologies PA4819-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA4819
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-241.A
350mW AUDIO POWER
AMPLIFIER WITH
SHUTDOWN MODE
DESCRIPTION
As a mono bridged power amplifier which is operating on a
single 5V supply, the UTC PA4819 is capable of delivering
350mWRMS of output power per channel into 16Ω loads with less
than 10% THD+N and also delivering 300mWRMS of output power
per channel into 8Ω loads with less than 10% THD+N.
The UTC PA4819 is optimally suited for low-power portable
applications because of the it do not require output coupling
capacitors, bootstrap capacitors or snubber networks.
By using external gain-setting resistors, the closed loop
response of the unity-gain stable PA4819 can be configured.
FEATURES
* Output power at 10% THD+N
Supply voltage:5V
Delivering 350mWRMS into a 16Ω load
Delivering 300mWRMS into a 8Ω load
* With shutdown mode
* Stable unity-gain.
Lead-free:
PA4819L
Halogen-free: PA4819G
ORDERING INFORMATION
Ordering Number
Normal
Lead Free
Halogen Free
Package
Packing
PA4819-S08-R
PA4819L-S08-R
PA4819G-S08-R
SOP-8
Tape Reel
PA4819-S08-T
PA4819L-S08-T
PA4819G-S08-T
SOP-8
Tube


Similar Part No. - PA4819-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA4819G-S08-R UTC-PA4819G-S08-R Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - PA4819-S08-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4818 NSC-LM4818 Datasheet
431Kb / 16P
350mW Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
350mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819MX TI-LM4819MX Datasheet
1Mb / 27P
LM4819 350mW Audio Power Amplifier with Shutdown Mode
LM4819 TI1-LM4819_14 Datasheet
1Mb / 28P
350mW Audio Power Amplifier with Shutdown Mode
LM4819MBD TI1-LM4819MBD Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
PA4819 UTC-PA4819_15 Datasheet
285Kb / 7P
350mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4819 TI-LM4819_15 Datasheet
1Mb / 27P
350mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com