Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA4990-SM1-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA4990-SM1-R
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA4990-SM1-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA4990-SM1-R Datasheet HTML 1Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 2Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 3Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 4Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 5Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 6Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 7Page - Unisonic Technologies PA4990-SM1-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PA4990
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-235.D
ELECTRICAL CHARACTERISTICS(Cont.)
VDD=5V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
2.2
5.5
V
Output Offset Voltage
VOS
No input signal
1
10
mV
High
1.3
Shutdown Voltage
Low
VST
0.4
V
Supply Current
IDD
No input signal, no load
3.7
6
mA
Shutdown Current
SHUTDOWN
I
No input signal, VSTDBY=GND
10
1000
nA
Output Power
POUT
THD=1% Max, fIN=1kHz
0.9
1.2
W
Total Harmonic Distortion+Noise
THD+N POUT=1WRMS, Av=2, 20Hz ≤ f ≤20kHz,
0.2
%
f=217Hz
55
62
Power Supply Rejection Ratio
PSRR
Av=2, VRIPPLE=200mVPP,
Input Grounded
f=1kHz
55
64
dB
Wake-Up Time
TWU
Cb=1μF, no load
90
130
ms
Shutdown Time
TSTDB
Cb=1μF, no load
10
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com