Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA6021 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PA6021
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA6021 Datasheet(HTML) 2 Page - Unisonic Technologies

  PA6021 Datasheet HTML 1Page - Unisonic Technologies PA6021 Datasheet HTML 2Page - Unisonic Technologies PA6021 Datasheet HTML 3Page - Unisonic Technologies PA6021 Datasheet HTML 4Page - Unisonic Technologies PA6021 Datasheet HTML 5Page - Unisonic Technologies PA6021 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PA6021
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-257.A
PIN CONFIGURATION
9
8
7
6
5
4
3
2
1
18
17
16
14
15
13
12
11
10
19
20
PGND
ROUT-
PVDD
RIN+
RIN-
VDD
LIN-
LIN+
PVDD
LOUT-
PGND
ROUT+
SE/BTL
AGND
FADE
SHUTDOWN
NC
LOUT+
BYPASS
VOLUME
PIN DESCRIPTION
PIN #
PIN NAME
I/O
DESCRIPTION
16
BYPASS
I
Tap to voltage divider for internal midsupply bias generator used for
analog reference
15
FADE
I
Places the amplifier in fade mode if a logic low is placed on this terminal;
normal operation if logic high is placed on this terminal.
17
AGND
Analog power supply ground
7
LIN-
I
Left channel negative input for fully differential input.
8
LIN+
I
Left channel positive input for fully differential input.
10
LOUT-
O
Left channel negative audio output
12
LOUT+
O
Left channel positive audio output.
13
NC
No connection
1,11
PGND
Power ground
3,9
PVDD
Supply voltage terminal for power stage
5
RIN-
I
Right channel negative input for fully differential input.
4
RIN+
I
Right channel positive input for fully differential input.
2
ROUT-
O
Right channel negative audio output
20
ROUT+
O
Right channel positive audio output
19
SE/BTL
I
Output control. When this terminal is high, SE outputs are selected. When
this terminal is low, BTL outputs are selected.
14
SHUTDOW
I
Places the amplifier in shutdown mode if a TTL logic low is placed on this
terminal
6
VDD
Supply voltage terminal
18
VOLUME
I
Terminal for dc volume control. DC voltage range is 0 to VDD.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com