Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC1031 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PC1031
Description  TV HORIZONTAL DEFLECTION CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1031 Datasheet(HTML) 2 Page - Unisonic Technologies

  PC1031 Datasheet HTML 1Page - Unisonic Technologies PC1031 Datasheet HTML 2Page - Unisonic Technologies PC1031 Datasheet HTML 3Page - Unisonic Technologies PC1031 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCPC1031
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R111-001,A
ABSOLUTE MAXIMUN RATINGS(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
20
V
Output Current
IP-P
2
AP-P
Power Dissipation
PD1
1.5(Ta=+75
°C)
W
Power dissipation
PD2
2.15(Ta=+75
°C)
With heat sink
(31.6 x 31.6 x 1mm3)
W
Operating temperature
TOPR
-20 ~ +75
°C
Storage Temp.
TSTG
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS(VCC=12V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FIG
Supply Current
ICC
No signal input and load
15
30
46
mA
2
Output Voltage
VN
No signal input and load
5.6
6.0
6.4
V
2
Field osc Frequency
fV
Synchronization voltage on
Pin 5 is 1.3VP-P
—
50/60
—
HZ
2
Free osc Frequency
fVO
Cosc=1
µF Ta,
Rosc=38.1K
Ω
53
60
67
HZ
2
Synchronization Input
Range
∆f(PULL)
Synchronization voltage on
Pin 5 is 1.3VP-P
-10
-12
—
HZ
2
Free osc Frequency
Change with Supply
Voltage
∆fVO
fVO=60HZ,VCC=12V
fVO deviation for +-2V
change of Vcc
—
—
+-1.0
HZ
2
Synchronization
Range deviation with
Supply Voltage
∆f(PULL)
VCC
VCC is+-2V deviated from
12V
—
—
+-3.0
HZ
2
Output Saturation
Voltage
VSAT
Io=0.7A
—
1.3
1.6
V
2
Pin 4 Output Pulse
Width
tO
Cosc=1
µ F Ta,
Rosc=38.1K
Ω
300
420
600
µsec
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com