Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN2907A-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PN2907A-AB3-R
Description  PNP GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PN2907A-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PN2907A-AB3-R Datasheet HTML 1Page - Unisonic Technologies PN2907A-AB3-R Datasheet HTML 2Page - Unisonic Technologies PN2907A-AB3-R Datasheet HTML 3Page - Unisonic Technologies PN2907A-AB3-R Datasheet HTML 4Page - Unisonic Technologies PN2907A-AB3-R Datasheet HTML 5Page - Unisonic Technologies PN2907A-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PN2907A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R201-041.D
ABSOLUTE MAXIUM RATINGS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO
-60
V
Collector-Base Voltage
VCBO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current-Continuous
IC
-800
mA
SOT-89
350
mW
Power Dissipation
TO-92
PD
625
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty
cycle operations.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-89
104
℃
/W
Thermal resistance, junction to Ambient
TO-92
θJA
200
℃
/W
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
BVCEO
IC=-10mA, IB=0
-60
V
Collector-Base Breakdown Voltage
BVCBO
IC=-10μA, IE=0
-60
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10μA , IC=0
-5
V
Base Cutoff Current
IB
VCB=-30V, VEB=-0.5V
-50
nA
Collector Cutoff Current
ICEX
VCE=-30V, VBE=-0.5V
-50
nA
Collector Cutoff Current
ICBO
VCB=-50V, IE=0
VCB=-50V, IE=0, Ta=150°C
-0.02
-20
μA
μA
ON CHARACTERISTICS
Ic=-0.1mA, VCE=-10V
75
Ic=-1.0 mA, VCE=-10V
100
Ic=-10 mA, VCE=-10V
100
Ic=-150 mA, VCE=-10V (Note)
100
300
DC Current Gain
hFE
Ic=-500 mA, VCE=-10V (Note)
50
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)
Ic=-150mA, IB=-15mA
Ic=-500mA, IB=-50mA
-0.4
-1.6
V
V
Base-Emitter Saturation Voltage
VBE(SAT)
Ic=-150mA, IB=-15mA (Note)
Ic=-500mA, IB=-50mA
-1.3
-2.6
V
V
SMALL SIGNAL CHARACTERISTICS
Current Gain – Bandwidth Product
fT
Ic=-50mA, VCE=-20V, f=100MHz
200
MHz
Output Capacitance
Cob
VCB=-10V, IE=0, f=100kHz
8
pF
Input Capacitance
Cib
VEB=-2V, IC=0, f=100kHz
30
pF
SWITCHING CHARACTERISTICS
Turn-on Time
tON
45
ns
Delay Time
tDLY
10
ns
Rise Time
tR
Vcc=-30V, Ic=-150mA
IB1=-15mA
40
ns
Turn-off Time
tOFF
100
ns
Storage Time
tS
80
ns
Fall Time
tF
Vcc=-6V, Ic=-150mA
IB1=IB2=-15mA
30
ns
Note: Pulse Test: Pulse Width
≤ 300ms, Duty Cycle≤2.0%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com