Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMX1-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PUMX1-AL6-R
Description  NPN GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMX1-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PUMX1-AL6-R Datasheet HTML 1Page - Unisonic Technologies PUMX1-AL6-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PUMX1
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R218-002.B
NPN GENERAL PURPOSE
DUAL TRANSISTOR
DESCRIPTION
Two independently operating NPN transistors.
FEATURES
* Low current (max.100mA)
* Low voltage (max.40V)
* Reduces number of components and board space.
* Complement to PUMT1.
APPLICATIONS
* General purpose switching and amplification.
SYMBOL
Lead-free:
PUMX1L
Halogen-free: PUMX1G
ORDERING INFORMATION
Ordering Number
Pin Assignment
Normal
Lead Free
Halogen-Free
Package
1
2
3
4
5
6
Packing
PUMX1-AL6-R
PUMX1L-AL6-R
PUMX1G-AL6-R
SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel
MARKING


Similar Part No. - PUMX1-AL6-R

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMX1-Q NEXPERIA-PUMX1-Q Datasheet
204Kb / 8P
40 V, 100 mA NPN/NPN general-purpose transistor
4 December 2024
More results

Similar Description - PUMX1-AL6-R

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC2411D TSC-TSC2411D Datasheet
91Kb / 3P
General Purpose Dual NPN Transistor
logo
Weitron Technology
MBT3904DW WEITRON-MBT3904DW Datasheet
244Kb / 7P
Dual General Purpose Transistor NPNNPN Silicon
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
EMX1DXV6T1 ONSEMI-EMX1DXV6T1 Datasheet
56Kb / 4P
Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 1
EMX2DXV6T5 ONSEMI-EMX2DXV6T5 Datasheet
127Kb / 4P
Dual NPN General Purpose Amplifier Transistor
November, 2005 ??Rev. 2
logo
Pan Jit International I...
MMDT3904TB6 PANJIT-MMDT3904TB6 Datasheet
130Kb / 4P
DUAL NPN GENERAL PURPOSE SWITCHING TRANSISTOR
BC847CSTB6 PANJIT-BC847CSTB6 Datasheet
413Kb / 6P
DUAL NPN GENERAL PURPOSE TRANSISTOR
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Unisonic Technologies
PUMX1 UTC-PUMX1_15 Datasheet
164Kb / 3P
NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
BC847BPDXV6 ONSEMI-BC847BPDXV6_13 Datasheet
116Kb / 6P
NPN/PNP Dual General Purpose Transistor
May, 2013 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com