Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMZ1G-AL6-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PUMZ1G-AL6-R
Description  NPN/PNP GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMZ1G-AL6-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PUMZ1G-AL6-R Datasheet HTML 1Page - Unisonic Technologies PUMZ1G-AL6-R Datasheet HTML 2Page - Unisonic Technologies PUMZ1G-AL6-R Datasheet HTML 3Page - Unisonic Technologies PUMZ1G-AL6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PUMZ1
Preliminary
NPN/PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R218-011.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Per Transistor; For The PNP Transistor With Negative Polarity
Collector- Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
TA ≤ 25°C
200
mW
Total Power Dissipation
TA ≤ 25°C (Note2)
PD
300
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Ambient Operating Temperature
TOPR
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Device mounted on an FR4 printed-circuit board.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
416
K/W
Note: Device mounted on an FR4 printed-circuit board.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Per Transistor; For The PNP Transistor With Negative Polarity
VCB =30V, IE =0
100
nA
Collect Cut-off Current
ICBO
VCB =30V, IE =0, TJ =150°C
10
μA
Emitter Cut-off Current
IEBO
VEB =4V, IC =0
100
nA
DC Current Gain
hFE
VCE =6V, IC =1mA
120
Collector-Emitter Saturation Voltage(Note)
VCE(SAT)
IC =50mA, IB =5mA
200
mV
TR1
1.5
pF
Collector Capacitance
TR2
CC
IE =ie = 0; VCB =12V; f = 1MHz
2.2
pF
Transition Frequency
fT
VCE =12V, IC =2mA, f =100MHz
100
MHZ
Note 1. Pulse test: tP ≤ 300 μs; δ ≤ 0.02.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com