Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMX1G-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PUMX1G-AL6-R
Description  NPN GENERAL PURPOSE DUAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMX1G-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  PUMX1G-AL6-R Datasheet HTML 1Page - Unisonic Technologies PUMX1G-AL6-R Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PUMX1
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R218-002.B
ABSOLUTE MAXIMUM RATINGS (Ta=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
5
V
Collector Current (DC)
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-65~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Saturation
Voltage (Note)
VCE(SAT)
IC=50mA, IB=5mA
200
mV
Collector Cutoff Current
ICBO
IE=0, VCB=30V
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
100
nA
DC Current Transfer Ratio
hFE
IC=1mA, VCE=6V
120
Transition Frequency
fT
IC=2mA, VCE=12V, f=100MHz
100
MHz
Collector capacitance
CC
IE=IE=0, VCB=12V, f=1MHz
1.5
pF
Note: Pulse test: tp≦300μs, δ≦0.02
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com