Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN2907AG-AB3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PN2907AG-AB3-R
Description  PNP GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PN2907AG-AB3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PN2907AG-AB3-R Datasheet HTML 1Page - Unisonic Technologies PN2907AG-AB3-R Datasheet HTML 2Page - Unisonic Technologies PN2907AG-AB3-R Datasheet HTML 3Page - Unisonic Technologies PN2907AG-AB3-R Datasheet HTML 4Page - Unisonic Technologies PN2907AG-AB3-R Datasheet HTML 5Page - Unisonic Technologies PN2907AG-AB3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PN2907A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R201-041.D
TYPICAL CHARACTERISTICS(Cont.)
Rise Time vs Collector and Turn On Base
Currents
-10
-100
-500
-1
-2
-5
-10
-20
-50
30ns
Collector Current, IC (mA)
60ns
tR =-15V
TYPICAL CHARACTERISTICS FOR COMMON EMITTER (f=1kHz)
Common Emitter Characteristics
-1
-50
0.1
1
2
5
Collector Current, IC (mA)
-20
-10
-5
-2
0.2
0.5
hoe
hre
hfe
hie
VCE= -10V
Ta=25℃
Common Emitter Characteristics
-4
-20
0.8
1.1
Collector Voltage, VCE (V)
-16
-12
-8
0.9
1
hre
hfe
hie
hoe
hre and hoe
hie
hfe
IC= -10mA
Ta=25℃
1.2
1.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com