Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCR406 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PCR406
Description  SCRS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PCR406 Datasheet(HTML) 2 Page - Unisonic Technologies

  PCR406 Datasheet HTML 1Page - Unisonic Technologies PCR406 Datasheet HTML 2Page - Unisonic Technologies PCR406 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCR406
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R301-010,B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
PCR406-5
300
V
Repetitive Peak Off-State Voltage
(TOPR =-40~ +125°С, RGK =1kΩ)
PCR406-6
VDRM
400
V
On State Current (TC=40°С)
IT(RMS)
0.8
A
Average On State Current (Half Cycle=180, TC=40°С)
IT(AV)
0.5
A
Peak Reverse Gate Voltage (IGR=10uA)
VGRM
1
V
Peak Gate Current (10us Max.)
IGM
0.1
A
Gate Dissipation (20ms Max.)
PG(AV)
150
mW
Operating Temperature
TOPR
-40~ +125
°С
Storage Temperature
TSTG
-40~ +125
°С
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
TJ=125°С
VDRM(RGK=1KΩ)
0.1
mA
Off State Leakage Current
TJ=25°С
IDRM
VDRM(RGK=1KΩ)
1.0
µA
IT=0.4A
1.4
V
On State Voltage
VT
IT=0.8A
2.2
V
On State Threshold Voltage TJ=125°С
VT(TO)
0.95
V
On State Slops Resistance TJ=125°С
Rt
600
m
Gate Trigger Current
IGT
VD=7V
200
µA
Gate Trigger Voltage
VGT
VD=7V
0.8
V
Holding Current
IH
RGK=1KΩ
5
mA
Latching Current
IL
RGK=1KΩ
6
mA
Gate Controlled Delay Time
TGD
IG=10mA, dIG/dt=0.1A/µs,
2.2
µs
Commutated Turn-Off Time TJ=85°С
TG
VD=0.67×VDRM, VR=35V, IT=IT(AV)
200
µs
CLASSIFICATION OF IGT
RANK
B
C
AA
AB
AC
AD
RANGE
50-100µA
100-200µA
8-15µA
15-20µA
20-25µA
25-50µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com