Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZTA92G-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PZTA92G-AA3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA92G-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PZTA92G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 3Page - Unisonic Technologies PZTA92G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PZTA92/93
PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R207-006.D
HIGH VOLTAGE TRANSISTOR
DESCRIPTION
The UTC PZTA92/93 are high voltage PNP transistors,
designed for telephone signal switching and for high voltage
amplifier.
FEATURES
* Collector-emitter voltage: VCEO=-300V (UTC PZTA92)
VCEO=-200V (UTC PZTA93)
* Complement to UTC PZTA42/43
* Collector power dissipation: PC(MAX)=1W
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
PZTA92L-AA3-R
PZTA92G-AA3-R
SOT-223
B
C
E
Tape Reel
PZTA93L-AA3-R
PZTA93G-AA3-R
SOT-223
B
C
E
Tape Reel


Similar Part No. - PZTA92G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PZTA92G-AA3-R UTC-PZTA92G-AA3-R Datasheet
164Kb / 4P
HIGH VOLTAGE TRANSISTOR
PZTA92G-AA3-R UTC-PZTA92G-AA3-R Datasheet
164Kb / 4P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - PZTA92G-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com