Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R200LD10G-TN5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # R200LD10G-TN5-R
Description  VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

R200LD10G-TN5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  R200LD10G-TN5-R Datasheet HTML 1Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 2Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 3Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 4Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 5Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 6Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 7Page - Unisonic Technologies R200LD10G-TN5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R200LD10
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R101-022.G
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage (Note 2)
VIN
24
V
ON/OFF Control Terminal Voltage (Note 2)
VC
24
V
Output Adjustment Pin Voltage (Note 2)
VADJ
5
V
Output Current
IOUT
1
A
Power Dissipation (with infinite heat sink)
PD
8
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. All are open except GND and applicable terminals.
ELECTRICAL CHARACTERISTICS
(VI N=5V, VOUT=3.3 V(R1=2kΩ), IOUT=0.3A, VC=2.7V, TJ=25°C, CI=0.33μF, CO=10μF, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
Input Voltage
VIN
3.5
24
V
Output Voltage
VOUT
3.0
20
V
Load Regulation
ΔVOUT/ΔIOUT IOUT = 5mA~ 1A
1.0
%
Line Regulation
ΔVOUT/ΔVIN VIN = 4~ 10V, IOUT=5mA
1.0
Ripple Rejection
RR
Refer to Fig 3
60
dB
Dropout Voltage
VD
VIN=3.5V
0.5
V
Reference Voltage
VREF
2.583
2.65 2.717
Temperature Coefficient of Reference
Voltage
TCVREF
TJ =0 ~ 125°C, IOUT = 5mA
±1.0
%
On-State Voltage for Control
VC(ON)
(Note)
2.0
V
On-State Current for Control
IC(ON)
200
μA
On-State Voltage for Control
VC(OFF)
IOUT=0A
0.8
V
On-State Current for Control
IC(OFF)
IOUT=0A,VC=0.4V
-2
μA
Quiescent Current
IQ
IOUT=0A
8
mA
Output Off-State Consumption Current
IQS
VC=0.4V
5
μA
Note: In case of VC pin, output voltage turns OFF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com