Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK24L-SMA-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SK24L-SMA-R
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK24L-SMA-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SK24L-SMA-R Datasheet HTML 1Page - Unisonic Technologies SK24L-SMA-R Datasheet HTML 2Page - Unisonic Technologies SK24L-SMA-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SK24
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R601-041.D
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
DESCRIPTION
The UTC SK24 is a Schottky Rectifier with high current capacity,
ultra low thermal resistance, Low reverse leakage and low forward
voltage.
The UTC SK24 is suitable for surface mount applications.
FEATURES
* High Current Capability
* Low Forward Voltage
* Low Reverse Leakage
* Higher Temp Soldering: 250°C for 10 Seconds At Terminals
SMB
+
-
SMA
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SK24L-SMA-R
SK24G-SMA-R
SMA
K
A
Tape Reel
SK24L-SMB-R
SK24G-SMB-R
SMB
K
A
Tape Reel
Note: Pin Assignment: A: Anode K: Cathode


Similar Part No. - SK24L-SMA-R

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK24L-AU PANJIT-SK24L-AU Datasheet
110Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU PANJIT-SK24L-AU_16 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU_R1_000A1 PANJIT-SK24L-AU_R1_000A1 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
SK24L-AU_R2_000A1 PANJIT-SK24L-AU_R2_000A1 Datasheet
126Kb / 6P
LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SK24L-SMA-R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com