Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK1816G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # SK1816G-AE3-R
Description  BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SK1816G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  SK1816G-AE3-R Datasheet HTML 1Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 2Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 3Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 4Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 5Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 6Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 7Page - Unisonic Technologies SK1816G-AE3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SK1816
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R118-004,H
ABSOLUTE MAXIMUM RATINGS (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5~20
V
Supply Current
ICC
10
mA
Circuit Current
IO
20
mA
Power Dissipation
SIP-3
PD
400
mW
SOT-23
200
mW
Operating Temperature
TOPR
-30 ~ +125
°С
Storage Temperature
TSTG
-40 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Low-Level Output Voltage
VOL
VCC = 16V, IOUT=12mA, B=30 mT
0.2
0.7
V
VCC =3.6V, IOUT=12mA, B=30 mT
0.3
0.7
V
Output Leakage Current
ILEAK
VCC =16V, B=-30 mT
1
10
μA
Supply Current
ICC
VCC =16V
6
10
mA
VCC =3.6V
5.5
10
mA
Output Switching Time
TR
VCC =16V, RL=10KΩ, CL=10pF
5
μS
TF
VCC =16V, RL=10KΩ, CL=10pF
1
μS
MAGNETIC CHARACTERISTICS
Operate Point
BOP
At TA=25°С
5
mT
Release Point
BRP
At TA=25°С
-5
mT
Hysteresis
BHYS
At TA=25°С
5.5
10
mT
Note: 1. BOP=operate point (output turns ON); BRP =release point (output turns OFF); BHYS =hysteresis(BOP – BRP).
As used here, negative flux densities are defined as less than zero (algebraic convention). Typical values
are at TA=25°С and VCC =12V.
2. 1mT=10 gauss



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com